Part Number Hot Search : 
SB1040DC AD8113 87C750 NTE2942 50050 TDA16888 FU420 E2024
Product Description
Full Text Search
 

To Download TDA5101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wireless components ask transmitter 315 mhz tda 5101a v 0.2 specification may 1999 preliminary
? for questions on technology, delivery and prices please contact the infineon technologies offices in germany or the infineon te ch- nologies companies and representatives worldwide: see our webpage at http://www.infineon.com edition 03.99 published by infineon technologies ag i. gr., sc, balanstra?e 73, 81541 mnchen ? infineon technologies ag i. gr. 12.05.99. all rights reserved. attention please! as far as patents or other rights of third parties are concerned, liability is only assumed for components, not for application s, processes and circuits im- plemented within components or assemblies. the information describes the type of component and shall not be considered as assured characteristics. terms of delivery and rights to change design reserved. due to technical requirements components may contain dangerous substances. for information on the types in question please cont act your nearest infineon technologies office. infineon technologies ag is an approved cecc manufacturer. packing please use the recycling operators known to you. we can also help you C get in touch with your nearest sales office. by agreeme nt we will take packing material back, if it is sorted. you must bear the costs of transport. for packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for an y costs incurred. components used in life-support devices or systems must be expressly authorized for such purpose! critical components 1 of the infineon technologies ag, may only be used in life-support devices or systems 2 with the express written approval of the infineon technologies ag. 1 a critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the failure of that life- support device or system, or to affect its safety or effectiveness of that device or system. 2life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sust ain human life. if they fail, it is reasonable to assume that the health of the user may be endangered. abm ? , aop ? , arcofi ? , arcofi ? -ba, arcofi ? -sp, digitape ? , epic ? -1, epic ? -s, elic ? , falc ? 54, falc ? 56, falc ? -e1, falc ? -lh, idec ? , iom ? , iom ? -1, iom ? -2, ipat ? -2, isac ? -p, isac ? -s, isac ? -s te, isac ? -p te, itac ? , iwe ? , musac ? -a, octat ? -p, quat ? -s, sicat ? , sicofi ? , sicofi ? - 2, sicofi ? -4, sicofi ? -4c, slicofi ? are registered trademarks of infineon technologies ag. ace ? , asm ? , asp ? , potswire ? , quadfalc ? , scout ? are trademarks of infineon technologies ag.
productinfo product info tda 5101a preliminary semiconductor group confidential specification, may 1999 package 0.09 0.1 3 0.42 -0.1 +0.15 +0.08 -0.05 0.125 6 max. h a 0.1 4.9 m 0.25 a b c 3 0.1 c b a 0.08 m 0.22 0.05 0.15 max. 0.1 0.85 1.1 max. a c b 0.5 index marking productinfo general description the TDA5101A is a single chip ask transmitter for the frequency band 315 mhz. the ic offers a high level of integration and needs only a few exter- nal components. the device contains a fully integrated pll synthesizer and a high efficiency power amplifier to drive a loop antenna. a special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery live. addi- tionally features like a power down mode, a low power detect and a divided clock output are implemented. features n fully integrated frequency synthe- sizer n vco without external components n high efficiency power amplifier n frequency range 315 mhz n ask modulation n low supply current (typically < 7ma) n voltage supply range 2.1 - 4 v n power down mode n low voltage sensor n low external component count applications n keyless entry systems n remote control systems n alarm systems n communication systems ordering information type ordering code package tda 5101a p-tssop-10
1 table of contents 1 table of contents 1-1 2 product description 2-1 2.1 overview 2-2 2.2 applications 2-2 2.3 features 2-2 2.4 package outlines 2-3 3 functional description 3-1 3.1 pin configuration 3-2 3.2 pin definition and function 3-3 3.3 block diagram 3-4 3.4 functional blocks 3-5 4 applications 4-1 4.1 circuits 4-2 4.3 bill of materials 4-2 5 reference 5-1 5.1 electrical data 5-2 5.2 test circuit 5-4
table of contents 1 - 2 tda 5101a preliminary semiconductor group confidential specification, may 1999
2 product description 2.1 overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-2 2.2 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-2 2.3 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-2 2.4 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-3 contents of this chapter
product description 2 - 2 tda 5101a preliminary semiconductor group confidential specification, may 1999 2.1 overview the TDA5101A is a single chip ask transmitter for the frequency band 315 mhz. the ic offers a high level of integration and needs only a few external components. the device contains a fully integrated pll synthesizer and a high efficiency power amplifier to drive a loop antenna. a special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery live. additionally features like a power down mode, a low power detect and a divided clock output are implemented. 2.2 applications n keyless entry systems n remote control systems n alarm systems n communication systems 2.3 features n fully integrated frequency synthesizer n vco without external components n high efficiency power amplifier n frequency range 315 mhz n ask modulation n low supply current (typically < 7ma) n voltage supply range 2.1 - 4 v n power down mode n low voltage sensor n low external component count
product description 2 - 3 tda 5101a preliminary semiconductor group confidential specification, may 1999 2.4 package outlines figure 2-1 p-tssop-10 0.09 0.1 3 0.42 -0.1 +0.15 +0.08 -0.05 0.125 6 max. h a 0.1 4.9 m 0.25 a b c 3 0.1 c b a 0.08 m 0.22 0.05 0.15 max. 0.1 0.85 1.1 max. a c b 0.5 index marking
3 functional description 3.1 pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-2 3.2 pin definition and function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-3 3.3 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-4 3.4 functional blocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-5 1 pll synthesizer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-5 2 crystal oscillator. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-5 3 power amplifier. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-6 4 low power detect. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-6 5 power modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-6 6 power down mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-7 7 pll enable mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-7 8 transmit enable mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-7 contents of this chapter
functional description 3 - 2 tda 5101a preliminary semiconductor group confidential specification, may 1999 3.1 pin configuration pin_config.wmf figure 3-1 ic pin configuration lpd paout pagnd cosc clkout pdwn vs gnd lf data 1 2 3 4 5 10 9 8 7 6 tda 5101a
functional description 3 - 3 tda 5101a preliminary semiconductor group confidential specification, may 1999 3.2 pin definition and function table 3-1 pin configuration pin no. symbol equivalent i/o-schematic function 1 pdwn power down mode 2 vs voltage supply 3 gnd ground 4 lf loop filter 5 data amplitude shift keying data input 6 clkout clock output 7 cosc crystal oscillator input 8 pagnd power amplifier ground 9 paout power amplifier output 10 lpd low power detect output
functional description 3 - 4 tda 5101a preliminary semiconductor group confidential specification, may 1999 3.3 block diagram block_diagram.wmf figure 3-2 main block diagram xtal pd :64 vco :2 power amp lf low voltage sensor power supply crystall oscillator input clock output power down mode v s low power detect output pagnd power amplifier output data input loop filter :4
functional description 3 - 5 tda 5101a preliminary semiconductor group confidential specification, may 1999 3.4 functional blocks 1. pll synthesizer the phase locked loop synthesizer consists of a voltage controlled oscillator (vco), an asynchronous divider chain, a phase detector, a charge pump and a loop filter and is fully implemented on chip. the tuning circuit of the vco con- sisting of spiral inductors and varactor diodes is on chip, too. therefore no additional external components are necessary. the nominal center frequency of the vco is 630 mhz. the oscillator signal is fed both to the synthesizer divider chain and to the power amplifier. the overall division ratio of the asyn- cronous divider chain is 64. the phase detector is a typ iv pd with charge pump. the passive loop filter is realized on chip. 2. crystal oscillator the crystal oscillator operates at a frequency of 9.84 mhz. it achieves a turn on time of typically less than 1ms. to attend this, a nic oscillator type is imple- mented in the tda 5101a. the oscillator type has the property, that the input impedance is a negative resistance in series to an inductance. therefore the load capacitance of the crystal cl (specified by the crystal supplier) is transformed to the capacitance cv. cl: crystal load capacitance for nominal frequency w : angular frequency l: inductivity of the crystal oscillator (typically 11h) the crystal oscillator signal is divided in the frequency by 4 and guided to the open collector output clkout to drive the clock input of a micro controller. tda 5101a -r i f, cl cv cv 1 1 cl ------- - w 2 l + ------------------------ =
functional description 3 - 6 tda 5101a preliminary semiconductor group confidential specification, may 1999 an external pull up resistor (rl) is to connect between this pin and the supply voltage. the value of rl is dependent on the clock frequency and the load capacitance cld (pcb board plus input capacitance of the microcontroller). rl can be calculated to : remark: because to the reason of a low current consumption an a low spurious radiation the largest possible rl should be choosen. 3. power amplifier in ask transmission the power amplifier can be switched on with pin 5 (dta). in this case the same pin is used as the data input. the paout pin is an open collector output and requires an external pull up coil to provide bias. the coil is part of the tuning and matching lc cuircit to get best performance with the external loop antenna. to achieve the best power amplifier efficiency the high frequency voltage swing at the paout pin should be two times the supply voltage. the power amplifier has its own ground pin (pagnd) in order to reduce the amount of coupling to the other circuit blocks. 4. low power detect the supply voltage is sensed by a low power detector. if the supply voltage drops below 2.15 v, the lpd pin (pin10) switches to low. the minimum sink current is 1 ma. to spare at most cases the external pull up resistor, an internal pull up current of 30a is implemented. a simple application of this feature is the switching off of the power amplifier via pin 5. 5. power modes the ic provides three power modes, the power down mode, the pll enable mode and the transmit mode. how to get in this modes is described in the table below. table 3-2 pdwn dta l l power down mode h l pll enable mode h h transmit mode r l 1 2f clkout c ld ------------------------------------------------ - 1 20 10 6 c ld ------------------------------------- = =
functional description 3 - 7 tda 5101a preliminary semiconductor group confidential specification, may 1999 6. power down mode in the power down mode the current consumption is less than 100na. to switch the ic in this mode, the input pin pdwn (pin1) has to be in the low state. 7. pll enable mode the turn on time of the circuit is determined by the turn on time of the crystal oscillator and is typically less than 1 msec (dependent on the crystal itself). to save current consumption and to avoid undesired power radiation during this time, the power amplifier is turned off. the current consumption at this mode is typically 3.5 ma. 8. transmit enable mode in the transmit enable mode the power amplifier is turned on too, and the current consumption of the ic is about 7 ma. to get in this state, the dta input is to switch to a high level.
4 applications 4.1 circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-2 4.2 bill of materials . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-2 contents of this chapter
applications 4 - 2 tda 5101a preliminary semiconductor group confidential specification, may 1999 4.1 circuits application_circuit.wmf figure 4-1 application circuit 4.2 bill of materials 1) dependent on the data rate. 2) dependent on the antenna and the pcb layout. 3) the value depends on the used crystal and its nominal load capacitance (cl) table 4-1 315 mhz part value r1 1) 4.7 k r2 1 k c1 47 nf c2 2) 18 pf cog, 0.1 pf c3 330 pf c4 2) 10 pf cog, 0.1 pf c5 1 1 nf c6 3) 15 pf l1 2) 39 nh +vcc c4 ant +vcc l1 +vcc c5 c1 c2 c3 9,84 mhz cl c6 on r1 cr2032 1 2 3 4 5 10 9 8 7 6 TDA5101A data in clock output r2
5 reference 5.1 electrical data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-2 5.1.1 absolute maximum range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-2 5.1.2 operating ratings. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-2 5.2 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-4 contents of this chapter
reference 5 - 2 tda 5101a preliminary semiconductor group confidential specification, may 1999 5.1 electrical data 5.1.1 absolute maximum range the ac / dc characteristic limits are not guaranteed. the maximal ratings may not be exceeded under any circumstances, not even momentary and individ- ual, as permanent damage to the ic will result. ambient temperature under bias: t a =-25 to +85 c 5.1.2 operating ratings within the operational range the ic operates as described in the circuit description. the ac / dc characteristic limits are not guaranteed table 5-1 parameter symbol limit values unit remarks min max junction temperature t j -40 150 c storage temperature t s -40 125 c thermal resistance r thsa tbd. k/w esd integrity, all pins v esd -1 +1 kv 100pf, 1500 w table 5-2 parameter symbol limit values unit test conditions min max supply voltage v s 2.1 4.0 v ambient temperature t a -25 85 c
reference 5 - 3 tda 5101a preliminary semiconductor group confidential specification, may 1999 5.1.3 ac/dc characteristics table 5-3 supply voltagev s = 3v, ambient temperaturet amb = 25 c parameter symbol limit values unit test conditions min typ max current consumption stand by mode i s pdwn 100 na pins 5=0v or n.c. pll enable i s pll_en 3.3 4 ma transmit enable i s transm 79 ma see test circuit power down modeswitch stand by mode v pdwn 0 0.2 v pll enable v pdwn 1.5 vs vv dta < 0.5v transmit enable v pdwn 1.5 vs vv dta > 1.4v input bias current pdwn i pdwn 30 ma v s = 4v low power detect internal pull up current i lpd1 -30 ma v s = 2.25 ... 4v input current low voltage i lpd2 1 ma v s = 1.9 ... 2.05v vco tuning voltage v lf vs-1.6 vs-0.6 vpll locked ask modulation ask transmit disable v dta 0 0.5 vpllen-mode ask transmit enable v dta 1.5 vs vpllen-mode input bias current dta i dta 30 ma v dta =vs input bias current dta i dta -20 ma v kdta = 0v ask data rate f dta 20 khz clock driver output output current i clkout 1 ma crystal oscillator input load capacitance c cosc- max 5 pf serioues resistance of the crystal 100 ohm f=9.84 mhz input inductance of the cosc pin 11 h f=9.84 mhz power amplifier output, transformed to 50 ohm (see test circuit) output power p paout 5 dbm f=315 mhz
reference 5 - 4 tda 5101a preliminary semiconductor group confidential specification, may 1999 5.2 test circuit test_circuit.wmf figure 5-1 test_circuit table 5-4 transforming schematic to 50 ohms f=315 mhz l1 220 nh l2 56 nh c2 56 pf c3 5.6 pf c4 330 pf c8 22 pf 1 2 3 4 5 10 9 8 7 6 TDA5101A v pdwn v s v lf v dta v clkout v lpd pa out v s 50 ohms c4 l1 l2 c3 c2 c8 cv i pdwn is pdwn is pllen is transm i dta i lpd i clkout


▲Up To Search▲   

 
Price & Availability of TDA5101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X